Part Number Hot Search : 
W79L549 RT8025 ICS851 2J12A M6010G 74F174 000001 UM240M
Product Description
Full Text Search
 

To Download MAAL-008624-000000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAL-008624
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
Features
* * * * * * * * * * Low Noise Figure: 0.9 dB High OIP3: +28 dBm at 5 V, 60 mA bias High Gain: 21 dB Single Supply: +3 to +8 VDC Lead-Free SOIC-8 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of MAALSS0025 Adjustable current: 20 to 80 mA with external resistor Rev. V1
Functional Block Diagram
GND GND
REXT
VDD
RF IN
RF OUT
Description
M/A-COM's MAAL-008624 is a high dynamic range, low noise GaAs MMIC amplifier in a low cost, surface mount package. It employs external input matching to obtain optimum noise figure performance and operating frequency flexibility. The MAAL-008624 also features flexible biasing to control the current consumption vs. dynamic range trade-off. The MAAL-008624 can operate from any supply voltage in the 3 V to 8 V range. Its current can be controlled over a range of 20 mA to 80 mA with an external resistor. The MAAL-008624 is ideally suited for use where low noise figure, high gain, high dynamic range, and low power consumption are required. Typical applications include receiver front ends in CDMA450 base stations. It is also useful as a gain block, buffer, driver, and IF amplifier in both fixed and portable cellular and 450 MHz ISM systems. The MAAL-008624 is fabricated using a low-cost 0.5-micron gate length GaAs process. The process features full passivation for increased performance reliability.
GND
GND
Pin Configuration
Pin No. Pin Name 1 2 3 4 5 6 7 8 GND REXT RF IN GND GND RF OUT VDD GND Description RF and DC Ground External Current Control (optional) RF Input RF and DC Ground RF and DC Ground RF Output Positive supply voltage RF and DC Ground
Absolute Maximum Ratings 2
Parameter VDD Input Power Current
3 4
Absolute Maximum +10 VDC +10 dBm 120 mA +150C -40C to +85C -65C to +150C
Channel Temperature
Ordering Information1
Part Number MAAL-008624-000000 MAAL-008624-TR3000 Package Bulk Packaging 3000 piece reel
Operating Temperature Storage Temperature
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. When pin #2 is used to increase current (see note 5). 4. Thermal resistance (jc) = +88C/W.
1. Reference Application Note M513 for reel size information. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAL-008624
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
Electrical Specifications: TA = +25C, Z0 = 50 , F = 450 MHz, Pin = -30 dBm
Parameter Gain Noise Figure Input Return Loss Output Return Loss Output 1 dB Compression Output IP3 Input IP3 Reverse Isolation
5. Using external 15-ohm resistor. See functional schematic.
Rev. V1
Test Conditions 5 V, 60 mA5 5 V, 60 mA -- -- 5 V, 60 mA5 5 V, 60 mA5 5 V, 60 mA --
5 5
Units dB dB dB dB dBm dBm dBm dB
Min 19 -- -- -- -- -- 3 --
Typ 21 0.9 9 11 16.5 28 7 34
Max 24 1.4 -- -- -- -- -- --
Functional Schematic
External Circuitry Parts List
Part C1 C2 C3 C4 L1 L2 L3 L4 R1 Value 100 pF 8 pF 470 pF 4 pF 22 nH 43 nH 12 nH 11 nH 15 Ohms Purpose DC Block Input Matching Bypass Output Matching Input Matching Input Matching RF Choke Output Matching Optional current control6
Handling Procedures
The following precautions should be observed to avoid damage:
6. Pin 2 allows use of an external resistor to ground for optional, higher current. For 20 mA operation, no resistor is used. For IDD ~ 40 mA, R2 = 43 ohms; IDD ~ 60 mA, R2 = 15 ohms; IDD ~ 80 mA, R2 = 10 ohms.
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAL-008624
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
Typical Performance Curves over Temperature
Gain
23
Rev. V1
Reverse Isolation
0
+25C -40C +85C
-10 21 -20 19 -30 17
+25C -40C +85C
-40
15 400
420
440
460
480
500
-50 400
420
440
460
480
500
Frequency (MHz)
Frequency (MHz)
Input Return Loss
0
+25C -40C +85C
Output Return Loss
0
+25C -40C +85C
-3
-3
-6
-6
-9
-9
-12
-12
-15 400
420
440
460
480
500
-15 400
420
440
460
480
500
Frequency (MHz)
Frequency (MHz)
Noise Figure
2.0
+25C -40C +85C
Output IP3
35
1.6
30 1.2 25 0.8 20 0.4
+25C -40C +85C
0.0 400
420
440
460
480
500
15 400
420
440
460
480
500
Frequency (MHz)
Frequency (MHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAL-008624
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
Lead-Free SOIC-8
Rev. V1
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
Recommended PCB Configuration
Cross Section View
The PCB dielectric between RF traces and RF ground layers should be chosen to reduce RF discontinuities between 50-ohm lines and package pins. M/A-COM recommends an FR-4 dielectric thickness of 0.008" (0.20 mm) yielding a 50-ohm line width of 0.015" (0.38 mm). The recommended RF metalization thickness is 1 ounce copper.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAL-008624-000000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X